|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
74f620 octal bus transceiver, inverting (3tate) 74F623 octal bus transceiver, noninverting (3tate) product specification ic15 data handbook 1989 apr 06 integrated circuits philips semiconductors product specification 74f620/74F623 transceivers 74f620 octal bus transceiver, inverting (3-state) 74F623 octal bus transceiver, non-inverting (3-state) 2 1990 apr 6 8530379 96249 features ? high-impedance npn base inputs for reduced loading (70 m a in high and low states) ? ideal for applications which require high output drive and minimal bus loading ? octal bidirectional bus interface ? 3-state buffer outputs sink 64ma and source 15ma ? 74f620, inverting ? 74F623, non-inverting description the 74f620 is an octal transceiver featuring inverting 3-state bus-compatible outputs in both send and receive directions. the outputs are capable of sinking 64ma and sourcing up to 15ma, providing very good capacitive drive characteristics. the 74F623 is a non-inverting version of the 74f620. these octal bus transceivers are designed for asynchronous two-way communication between data buses. the control function implementation allows for maximum flexibility in timing. these devices allow data transmission from the a bus to the b bus or from the b bus to the a bus depending upon the logic levels at the enable inputs (oeba and oeab). the enable inputs can be used to disable the device so that the buses are effectively isolated. the dual-enable configuration gives the 74f620 and 74F623 the capability to store data by the simultaneous enabling of oeba and oeab. each output reinforces its input in this transceiver configuration. thus, when both control inputs are enabled and all other data sources to the two sets of the bus lines are at high impedance, both sets of bus lines (16 in all) will remain in their last states. type typical propagation delay typical supply current (total) 74f620 3.5ns 80ma 74F623 4.5ns 105ma ordering information description commercial range v cc = 5v 10%, t amb = 0 c to +70 c pkg dwg # 20-pin plastic dip n74f620n, n74623n sot146-1 20-pin plastic sol n74f620d, n74623d sot163-1 input and output loading and fan-out table pins description 74f(u.l.) high/low load value high/low a0 - a7, b0 - b7 data inputs 3.5/1.16 70 m a/70 m a oeba , oeab output enable inputs 1.0/0.033 20 m a/20 m a a0 - a7 data outputs 150/40 3ma/24ma b0 - b7 data outputs 750/106.7 15ma/64ma note: one (1.0) fast unit load is defined as: 20 m a in the high state and 0.6ma in the low state. pin configuration 74f620 20 19 18 17 16 15 14 13 12 10 11 9 8 7 6 5 4 3 2 1 v cc b1 b2 b3 b4 b5 b6 b7 oeab a1 a2 a3 a4 a5 a6 a7 gnd oeba a0 b0 sf01124 pin configuration 74F623 20 19 18 17 16 15 14 13 12 10 11 9 8 7 6 5 4 3 2 1 v cc b1 b2 b3 b4 b5 b6 b7 oeab a1 a2 a3 a4 a5 a6 a7 gnd oeba a0 b0 sf01124 philips semiconductors product specification 74f620/74F623 transceivers 1990 apr 6 3 logic symbol 74f620 18 17 16 15 b0 b1 b2 b3 19 1 oeab oeba sf01125 v cc = pin 20 gnd = pin 10 14 13 12 b4 b5 b6 11 b7 89 a2 a3 456 a4 a5 a6 7 a7 23 a0 a1 logic symbol 74F623 b0 b1 b2 b3 19 1 oeab oeba sf01126 v cc = pin 20 gnd = pin 10 b4 b5 b6 b7 89 a2 a3 456 a4 a5 a6 7 a7 23 a0 a1 18 17 16 15 14 13 12 11 iec/ieee symbol (ieee/iec) 74f620 1 19 18 en1 en2 1 sf01127 17 16 15 14 13 12 11 2 3 4 5 6 7 8 9 2 iec/ieee symbol (ieee/iec) 74F623 sf01128 1 19 18 en1 en2 1 17 16 15 14 13 12 11 2 3 4 5 6 7 8 9 2 philips semiconductors product specification 74f620/74F623 transceivers 1990 apr 6 4 logic diagram 74f620 v cc = pin 20 gnd = pin 10 sf01129 oeba 2 3 4 18 17 16 15 14 13 12 b0 b1 b4 b5 b6 b7 oeab a1 a4 a5 a6 a7 b2 b3 a3 a2 5 6 7 8 a0 11 9 19 1 logic diagram 74F623 v cc = pin 20 gnd = pin 10 sf01130 oeba 2 3 4 18 17 16 15 14 13 12 b0 b1 b4 b5 b6 b7 oeab a1 a4 a5 a6 a7 b2 b3 a3 a2 5 6 7 8 a0 11 9 19 1 function table inputs operating modes oeba oeab 74f620 74F623 l l b data to a bus b data to a bus h h a data to b bus a data to b bus h l z z l h b data to a bus b data to a bus l h a data to b bus a data to b bus h = high voltage level l = low voltage level x = don't care z = high impedance aoffo state philips semiconductors product specification 74f620/74F623 transceivers 1990 apr 6 5 absolute maximum ratings (operation beyond the limits set forth in this table may impair the useful life of the device. unless otherwise noted these limits are over the operating free-air temperature range.) symbol parameter rating unit v cc supply voltage 0.5 to +7.0 v v in input voltage 0.5 to +7.0 v i in input current 30 to +5 ma v out voltage applied to output in high output state 0.5 to +v cc v i o current a pp lied to out p ut in low out p ut state a0a7 48 ma i out c u rrent applied to o u tp u t in lo w o u tp u t state b0b7 128 ma t amb operating free-air temperature range 0 to +70 c t stg storage temperature range 65 to +150 c recommended operating conditions symbol parameter limits unit symbol parameter min nom max unit v cc supply voltage 4.5 5.0 5.5 v v ih high-level input voltage 2.0 v v il low-level input voltage 0.8 v i ik input clamp current 18 ma i o high level out p ut current a0a7 3 ma i oh high - le v el o u tp u t c u rrent b0b7 15 ma i o low level out p ut current a0a7 24 ma i ol lo w- le v el o u tp u t c u rrent b0b7 64 ma t amb operating free-air temperature range 0 70 c philips semiconductors product specification 74f620/74F623 transceivers 1990 apr 6 6 dc electrical characteristics (over recommended operating free-air temperature range unless otherwise noted.) no tag limits symbol parameter test conditions no tag min typ no tag max unit a0a7 i o = 3ma 10%v cc 2.4 v v o high level out p ut voltage b0b7 v cc = min, v il = max i oh = 3ma 5%v cc 2.7 3.3 v v oh high - le v el o u tp u t v oltage b0 b7 v il = max , v ih = min i o = 15ma 10%v cc 2.0 v b0 b7 i oh = 15ma 5%v cc 2.0 v a0 a7 i o = 24ma 10%v cc 0.35 0.50 v v o low level out p ut voltage a0 a7 v cc = min, v il = max i ol = 24ma 5%v cc 0.35 0.50 v v ol lo w- le v el o u tp u t v oltage b0 b7 v il = max , v ih = min, i ol = 48ma 10%v cc 0.38 0.55 v b0 b7 i ol = 64ma 5%v cc 0.42 0.55 v v ik input clamp voltage v cc = min, i i = i ik 0.73 1.2 v i i input current at maximum in p ut voltage oeba , oeab v cc = 0.0v, v i = 7.0v 100 m a i in ut voltage others v cc = 5.5v, v i = 5.5v 1 ma i ih high-level input current oeba , oeab v cc = max, v i = 2.7v 20 m a i il low-level input current oeab only v cc = max, v i = 0.5v 20 m a i ozh +i ih off-state output current, high-level of voltage applied a0a7 v cc = max, v i = 2.7v 70 m a i ozl +i il off-state output current, low-level of voltage applied b0b7 v cc = max, v i = 0.5v 70 m a i os short-circuit output cur- no tag a0a7 v cc = max 60 150 ma i os rent no tag b0b7 v cc = max 100 225 ma i cch oeba =oeab=4.5v; a0a7=gnd 70 92 ma 74f620 i ccl v cc = max oeba =oeab=4.5v; a0a7=4.5v 84 110 ma i cc supply current i ccz oeab=gnd; oeba =a0a7=4.5v 84 110 ma i cc y (total) i cch oeba =oeab=4.5v; a0a7=4.5v 110 140 ma 74F623 i ccl v cc = max oeba =oeab=4.5v; a0a7=gnd 110 140 ma i ccz oeab=gnd; oeba =a0a7=4.5v 99 130 ma notes: 1. for conditions shown as min or max, use the appropriate value specified under recommended operating conditions for the applic able type. 2. all typical values are at v cc = 5v, t amb = 25 c. 3. not more than one output should be shorted at a time. for testing i os , the use of high-speed test apparatus and/or sample-and-hold techniques are preferable in order to minimize internal heating and more accurately reflect operational values. otherwise, prol onged shorting of a high output may raise the chip temperature well above normal and thereby cause invalid readings in other parameter tests. in any sequence of parameter tests, i os tests should be performed last. philips semiconductors product specification 74f620/74F623 transceivers 1990 apr 6 7 ac electrical characteristics 74f620 limits symbol parameter test condition v cc = +5v t amb = +25 c c l = 50pf, r l = 500 w v cc = +5v 10% t amb = 0 c to +70 c c l = 50pf, r l = 500 w unit min typ max min max t plh t phl propagation delay an to bn waveform 2 2.5 1.0 4.5 2.5 6.5 4.5 2.0 1.0 7.5 5.0 ns t plh t phl propagation delay bn to an waveform 2 2.5 1.0 4.5 2.5 6.5 4.5 2.0 1.0 7.5 5.0 ns t pzh t pzl output enable time to high or low level, oeba to an waveform 3 waveform 4 3.0 4.0 7.5 7.5 10.5 10.5 2.5 3.5 11.5 11.5 ns t phz t plz output disable time to high or low level, oeba to an waveform 3 waveform 4 2.5 2.0 4.5 4.5 7.5 7.0 2.0 1.5 8.0 7.5 ns t pzh t pzl output enable time to high or low level, oeab to bn waveform 3 waveform 4 4.5 4.5 7.5 7.5 10.5 10.0 4.0 4.0 11.5 11.0 ns t phz t plz output disable time to high or low level, oeab to bn waveform 3 waveform 4 3.0 4.0 6.5 6.5 9.5 9.5 2.5 3.5 10.5 10.5 ns ac electrical characteristics 74F623 limits symbol parameter test condition v cc = +5v t amb = +25 c c l = 50pf, r l = 500 w v cc = +5v 10% t amb = 0 c to +70 c c l = 50pf, r l = 500 w unit min typ max min max t plh t phl propagation delay an to bn waveform 1 2.0 3.0 4.0 5.0 5.5 7.0 2.0 2.5 6.5 7.5 ns t plh t phl propagation delay bn to an waveform 1 2.0 2.5 4.0 4.5 5.5 6.5 2.0 2.5 6.5 7.5 ns t pzh t pzl output enable time to high or low level, oeba to an waveform 3 waveform 4 5.0 5.0 8.5 7.5 10.5 9.5 5.0 5.0 12.0 10.0 ns t phz t plz output disable time to high or low level, oeba to an waveform 3 waveform 4 2.5 2.5 4.5 4.5 6.5 6.5 2.5 2.5 7.5 7.0 ns t pzh t pzl output enable time to high or low level, oeab to bn waveform 3 waveform 4 5.0 4.5 8.0 7.0 10.0 9.0 5.0 4.5 11.5 9.5 ns t phz t plz output disable time to high or low level, oeab to bn waveform 3 waveform 4 3.0 4.0 6.0 7.0 8.5 9.0 3.0 4.0 10.0 10.0 ns philips semiconductors product specification 74f620/74F623 transceivers 1990 apr 6 8 ac waveforms for all waveforms, v m = 1.5v. v m v m v m v m bn or an an or bn t plh t phl sf01131 waveform 1. for inverting outputs v m v m v m v m bn or an an or bn t plh t phl sf01132 waveform 2. for non-inverting outputs v m v m v m t phz t pzh v oh -0.3v 0v sf01133 an or bn oeba oeab waveform 3. 3-state output enable time to high level and output disable time from high level v m v m v m t plz t pzl v ol +0.3v an or bn oeba sf01134 oeab waveform 4. 3-state output enable time to low level and output disable time from low level test circuit and waveforms t w 90% v m 10% 90% v m 10% 90% v m 10% 90% v m 10% negative pulse positive pulse t w amp (v) 0v 0v t thl ( t f ) input pulse requirements rep. rate t w t tlh t thl 1mhz 500ns 2.5ns 2.5ns input pulse definition v cc family 74f d.u.t. pulse generator r l c l r t v in v out test circuit for 3-state outputs definitions: r l = load resistor; see ac electrical characteristics for value. c l = load capacitance includes jig and probe capacitance; see ac electrical characteristics for value. r t = termination resistance should be equal to z out of pulse generators. t thl ( t f ) t tlh ( t r ) t tlh ( t r ) amp (v) amplitude 3.0v 1.5v v m r l 7.0v sf00777 test switch t plz closed t pzl closed all other open switch position philips semiconductors product specification 74f620, 74F623 transceivers 1990 apr 06 9 dip20: plastic dual in-line package; 20 leads (300 mil) sot146-1 philips semiconductors product specification 74f620, 74F623 transceivers 1990 apr 06 10 so20: plastic small outline package; 20 leads; body width 7.5 mm sot163-1 philips semiconductors product specification 74f620, 74F623 transceivers 1990 apr 06 11 notes philips semiconductors product specification 74f620, 74F623 transceivers yyyy mmm dd 12 definitions short-form specification e the data in a short-form specification is extracted from a full data sheet with the same type number and title. for detailed information see the relevant data sheet or data handbook. limiting values definition e limiting values given are in accordance with the absolute maximum rating system (iec 134). stress above one or more of the limiting values may cause permanent damage to the device. these are stress ratings only and operation of the dev ice at these or at any other conditions above those given in the characteristics sections of the specification is not implied. exposure to limi ting values for extended periods may affect device reliability. application information e applications that are described herein for any of these products are for illustrative purposes only. philips semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. disclaimers life support e these products are not designed for use in life support appliances, devices or systems where malfunction of these products can reasonably be expected to result in personal injury. philips semiconductors customers using or selling these products for use i n such applications do so at their own risk and agree to fully indemnify philips semiconductors for any damages resulting from such application. right to make changes e philips semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. philips semiconductors ass umes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or m ask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right in fringement, unless otherwise specified. philips semiconductors 811 east arques avenue p.o. box 3409 sunnyvale, california 940883409 telephone 800-234-7381 ? copyright philips electronics north america corporation 1998 all rights reserved. printed in u.s.a. print code date of release: 10-98 document order number: 9397-750-05146 data sheet status objective specification preliminary specification product specification product status development qualification production definition [1] this data sheet contains the design target or goal specifications for product development. specification may change in any manner without notice. this data sheet contains preliminary data, and supplementary data will be published at a later date. philips semiconductors reserves the right to make chages at any time without notice in order to improve design and supply the best possible product. this data sheet contains final specifications. philips semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product. data sheet status [1] please consult the most recently issued datasheet before initiating or completing a design. |
Price & Availability of 74F623 |